công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 210 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 210 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 206Page - Renesas Technology Corp H8/3028 Datasheet HTML 207Page - Renesas Technology Corp H8/3028 Datasheet HTML 208Page - Renesas Technology Corp H8/3028 Datasheet HTML 209Page - Renesas Technology Corp H8/3028 Datasheet HTML 210Page - Renesas Technology Corp H8/3028 Datasheet HTML 211Page - Renesas Technology Corp H8/3028 Datasheet HTML 212Page - Renesas Technology Corp H8/3028 Datasheet HTML 213Page - Renesas Technology Corp H8/3028 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 923 page
background image
Rev. 2.00, 09/03, page 180 of 890
6.9
Idle Cycle
6.9.1
Operation
When the H8/3028 Group chip accesses external space, it can insert a 1-state idle cycle (TI)
between bus cycles in the following cases: (1) when read accesses between different areas occur
consecutively, (2) when a write cycle occurs immediately after a read cycle, and (3) immediately
after a DRAM space access. By inserting an idle cycle it is possible, for example, to avoid data
collisions between ROM, which has a long output floating time, and high-speed memory, I/O
interfaces, and so on.
The ICIS1 and ICIS0 bits in BCR both have an initial value of 1, so that an idle cycle is inserted in
the initial state. If there are no data collisions, the ICIS bits can be cleared.
Consecutive Reads between Different Areas: If consecutive reads between different areas occur
while the ICIS1 bit is set to 1 in BCR, an idle cycle is inserted at the start of the second read cycle.
Figure 6.43 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle from ROM with a long output floating time, and bus cycle B is a read cycle from SRAM,
each being located in a different area. In (a), an idle cycle is not inserted, and a collision occurs in
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data collision is prevented.
φ
T1
T2
T3
RD
T1
T2
φ
T1
T2
T3
Ti
T2
T1
Address bus
Data bus
RD
Address bus
Data bus
Bus cycle A Bus cycle B
Bus cycle A Bus cycle B
Data
collision
Long buffer-off
time
(a) Idle cycle not inserted
(b) Idle cycle inserted
Figure 6.43 Example of Idle Cycle Operation (1) (ICIS1 = 1)
Write after Read: If an external write occurs after an external read while the ICIS0 bit is set to 1
in BCR, an idle cycle is inserted at the start of the write cycle.
Figure 6.44 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle from ROM with a long output floating time, and bus cycle B is a CPU write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com