công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 201 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 201 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 197Page - Renesas Technology Corp H8/3028 Datasheet HTML 198Page - Renesas Technology Corp H8/3028 Datasheet HTML 199Page - Renesas Technology Corp H8/3028 Datasheet HTML 200Page - Renesas Technology Corp H8/3028 Datasheet HTML 201Page - Renesas Technology Corp H8/3028 Datasheet HTML 202Page - Renesas Technology Corp H8/3028 Datasheet HTML 203Page - Renesas Technology Corp H8/3028 Datasheet HTML 204Page - Renesas Technology Corp H8/3028 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 923 page
background image
Rev. 2.00, 09/03, page 171 of 890
Example of Program Setup Procedure: Figure 6.34 shows an example of the program setup
procedure.
Set ABWCR
Set RTCOR
Set bits CKS2 to CKS0 in RTMCSR
Set DRCRB
Set DRCRA
Wait for DRAM stabilization time
DRAM can be accessed
Figure 6.34 Example of Setup Procedure when Using DRAM Interface
6.5.13
Usage Notes
Note the following points when using the DRAM refresh function.
• Refresh cycles will not be executed when the external bus released state, software standby
mode, or a bus cycle is extended by means of wait state insertion. Refreshing must therefore
be performed by other means in these cases.
• If a refresh request is generated internally while the external bus is released, the first request is
retained and a single refresh cycle will be executed after the bus-released state is cleared.
Figure 6.35 shows the bus cycle in this case.
• When a bus cycle is extended by means of wait state insertion, the first request is retained in
the same way as when the external bus has been released.
• In the event of contention with a bus request from an external bus master when a transition is
made to software standby mode, the
BACK and strobe states may be indeterminate after the
transition to software standby mode (see figure 6.36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com