công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 204 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 204 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 200Page - Renesas Technology Corp H8/3028 Datasheet HTML 201Page - Renesas Technology Corp H8/3028 Datasheet HTML 202Page - Renesas Technology Corp H8/3028 Datasheet HTML 203Page - Renesas Technology Corp H8/3028 Datasheet HTML 204Page - Renesas Technology Corp H8/3028 Datasheet HTML 205Page - Renesas Technology Corp H8/3028 Datasheet HTML 206Page - Renesas Technology Corp H8/3028 Datasheet HTML 207Page - Renesas Technology Corp H8/3028 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 923 page
background image
Rev. 2.00, 09/03, page 174 of 890
6.6
Interval Timer
6.6.1
Operation
When DRAM is not connected to the H8/3028 Group chip, the refresh timer can be used as an
interval timer by clearing bits DRAS2 to DRAS0 in DRCRA to 0. After setting RTCOR,
selection a clock source with bits CKS2 to CKS0 in RTMCSR, and set the CMIE bit to 1.
Timing of Setting of Compare Match Flag and Clearing by Compare Match: The CMF flag
in RTMCSR is set to 1 by a compare match output when the RTCOR and RTCNT values match.
The compare match signal is generated in the last state in which the values match (when RTCNT
is updated from the matching value to a new value). Accordingly, when RTCNT and RTCOR
match, the compare match signal is not generated until the next counter clock pulse. Figure 6.38
shows the timing.
N
N
H'00
RTCNT
φ
CMF flag
RTCOR
Compare match
signal
Figure 6.38 Timing of CMF Flag Setting
Operation in Power-Down State: The interval timer operates in sleep mode. It does not operate
in hardware standby mode. In software standby mode, RTCNT and RTMCSR bits 7 and 6 are
initialized, but RTMCSR bits 5 to 3 and RTCOR retain their settings prior to the transition to
software standby mode.
Contention between RTCNT Write and Counter Clear: If a counter clear signal occurs in the
T3 state of an RTCNT write cycle, clearing of the counter takes priority and the write is not
performed. See figure 6.39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com