công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 199 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 199 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 195Page - Renesas Technology Corp H8/3028 Datasheet HTML 196Page - Renesas Technology Corp H8/3028 Datasheet HTML 197Page - Renesas Technology Corp H8/3028 Datasheet HTML 198Page - Renesas Technology Corp H8/3028 Datasheet HTML 199Page - Renesas Technology Corp H8/3028 Datasheet HTML 200Page - Renesas Technology Corp H8/3028 Datasheet HTML 201Page - Renesas Technology Corp H8/3028 Datasheet HTML 202Page - Renesas Technology Corp H8/3028 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 923 page
background image
Rev. 2.00, 09/03, page 169 of 890
• Figure 6.32 shows typical interconnections when using two 16-Mbit DRAMs using a × 8-bit
organization, and the corresponding address map. The DRAMs used in this example are of the
11-bit row address
× 10-bit column address type. The CS2 pin is used as the common RAS
output pin for areas 2 and 3. When the
DRAM address space spans a number of contiguous
areas, as in this example, the appropriate setting of bits DRAS2 to DRAS0 enables a single
CS
pin to be used as the common
RAS output pin for a number of areas, and makes it possible to
directly connect large-capacity DRAM with address space that spans a maximum of four areas.
Any unused
CS pins (in this example, the CS
3 pin) can be used as input/output ports.
CS2 (RAS2)
RD (WE)
A21, A10-A1
D15-D8
D7-D0
A10-A0
D7-D0
PB4 (UCAS)
PB5 (LCAS)
RAS
WE
CAS
A10-A0
D7-D0
RAS
WE
CAS
No.1
No.2
OE
OE
DRAM
(No.1)
H'400000
H'5FFFFE
H'600000
H'7FFFFE
H'800000
H'9FFFFE
H'A00000
H'BFFFFE
DRAM
(No.2)
CS2(RAS2)
CS4
CS5
PB4
(UCAS)
PB5
(LCAS)
15
0
7
8
H8/3028 Group chip
2-CAS 16-Mbit DRAM
11-bit row address
× 10-bit column address
× 8-bit organization
(a) Interconnections (example)
(b) Address map
16-Mbyte mode
Area 2
Area 3
Area 4
Area 5
Normal
Normal
Figure 6.32 Interconnections and Address Map for 16-Mbit DRAMs with
×××× 8-Bit
Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com