công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 186 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 186 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 182Page - Renesas Technology Corp H8/3028 Datasheet HTML 183Page - Renesas Technology Corp H8/3028 Datasheet HTML 184Page - Renesas Technology Corp H8/3028 Datasheet HTML 185Page - Renesas Technology Corp H8/3028 Datasheet HTML 186Page - Renesas Technology Corp H8/3028 Datasheet HTML 187Page - Renesas Technology Corp H8/3028 Datasheet HTML 188Page - Renesas Technology Corp H8/3028 Datasheet HTML 189Page - Renesas Technology Corp H8/3028 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 923 page
background image
Rev. 2.00, 09/03, page 156 of 890
The settings of the RCW bit in DRCRB and of ASTCR, WCRH, and WCRL do not affect refresh
cycles. Wait states cannot be inserted in a DRAM space access cycle by means of the
WAIT pin.
Tp
Tr
Tc1
Tc2
(
UCAS/LCAS)
PB4/PB5
RD (WE)
CSn (RAS)
AS
D15 to D0
RD (WE)
D15 to D0
(
UCAS/LCAS)
PB4/PB5
A23 to A0
φ
Trw
Tw
Tw
Write access
Read access
Read data
Write data
Note: n = 2 to 5
Row
Column
High level
High level
Figure 6.20 Example of Wait State Insertion Timing (CSEL = 0)
6.5.9
Byte Access Control and
CAS
CAS
CAS
CAS Output Pin
When an access is made to DRAM space designated as a 16-bit-access area in ABWCR, column
address strobes (
UCAS and LCAS) corresponding to the upper and lower halves of the external
data bus are output. In the case of
× 16-bit organization DRAM, the 2-CAS type can be
connected.
Either PB4 and PB5, or
HWR and LWR, can be used as the UCAS and LCAS output pins, the
selection being made with the CSEL bit in DRCRB. Table 6.8 shows the CSEL bit settings and
corresponding output pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com