công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 182 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 182 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 178Page - Renesas Technology Corp H8/3028 Datasheet HTML 179Page - Renesas Technology Corp H8/3028 Datasheet HTML 180Page - Renesas Technology Corp H8/3028 Datasheet HTML 181Page - Renesas Technology Corp H8/3028 Datasheet HTML 182Page - Renesas Technology Corp H8/3028 Datasheet HTML 183Page - Renesas Technology Corp H8/3028 Datasheet HTML 184Page - Renesas Technology Corp H8/3028 Datasheet HTML 185Page - Renesas Technology Corp H8/3028 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 923 page
background image
Rev. 2.00, 09/03, page 152 of 890
6.5.3
Address Multiplexing
When DRAM space is accessed, the row address and column address are multiplexed. The
address multiplexing method is selected with bits MXC1 and MXC0 in DRCRB according to the
number of bits in the DRAM column address. Table 6.6 shows the correspondence between the
settings of MXC1 and MXC0 and the address multiplexing method.
Table 6.6
Settings of Bits MXC1 and MXC0 and Address Multiplexing Method
DRCRB
Column
Address
Address Pins
MXC1 MXC0 Bits
A23 to A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
Row
address
008 bits
A23 to A13 A20* A19 A18 A17 A16 A15 A14 A13 A12 A11 A10 A9 A8
19 bits
A23 to A13 A12 A20* A19 A18 A17 A16 A15 A14 A13 A12 A11 A10 A9
1
0
10 bits
A23 to A13 A12 A11 A20* A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
1
Illegal
setting
—
— ——— ——— ——— ———
Column
address
———
A23 to A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
Note: * Row address bit A20 is not multiplexed in 1-Mbyte mode.
6.5.4
Data Bus
If the bit in ABWCR corresponding to an area designated as DRAM space is set to 1, that area is
designated as 8-bit DRAM space; if the bit is cleared to 0, the area is designated as 16-bit DRAM
space. In 16-bit DRAM space,
× 16-bit organization DRAM can be connected directly.
In 8-bit DRAM space the upper half of the data bus, D15 to D8, is enabled, while in 16-bit DRAM
space both the upper and lower halves of the data bus, D15 to D0, are enabled.
Access sizes and data alignment are the same as for the basic bus interface: see section 6.4.2, Data
Size and Data Alignment.
6.5.5
Pins Used for DRAM Interface
Table 6.7 shows the pins used for DRAM interfacing and their functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com