công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 183 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 183 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 179Page - Renesas Technology Corp H8/3028 Datasheet HTML 180Page - Renesas Technology Corp H8/3028 Datasheet HTML 181Page - Renesas Technology Corp H8/3028 Datasheet HTML 182Page - Renesas Technology Corp H8/3028 Datasheet HTML 183Page - Renesas Technology Corp H8/3028 Datasheet HTML 184Page - Renesas Technology Corp H8/3028 Datasheet HTML 185Page - Renesas Technology Corp H8/3028 Datasheet HTML 186Page - Renesas Technology Corp H8/3028 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 923 page
background image
Rev. 2.00, 09/03, page 153 of 890
Table 6.7
DRAM Interface Pins
Pin
With DRAM
Designated Name
I/O
Function
PB4
UCAS
Upper column
address strobe
Output
Upper column address strobe for DRAM
space access (when CSEL = 0 in DRCRB)
PB5
LCAS
Lower column
address strobe
Output
Lower column address strobe for DRAM
space access (when CSEL = 0 in DRCRB)
HWR
UCAS
Upper column
address strobe
Output
Upper column address strobe for DRAM
space access (when CSEL = 1 in DRCRB)
LWR
LCAS
Lower column
address strobe
Output
Lower column address strobe for DRAM
space access (when CSEL = 1 in DRCRB)
CS2
RAS2
Row address
strobe 2
Output
Row address strobe for DRAM space
access
CS3
RAS3
Row address
strobe 3
Output
Row address strobe for DRAM space
access
CS4
RAS4
Row address
strobe 4
Output
Row address strobe for DRAM space
access
CS5
RAS5
Row address
strobe 5
Output
Row address strobe for DRAM space
access
RD
WE
Write enable
Output
Write enable for DRAM space write
access*
P80
RFSH
Refresh
Output
Goes low in refresh cycle
A12 to A0 A12 to A0
Address
Output
Row address/column address multiplexed
output
D15 to D0 D15 to D0
Data
I/O
Data input/output pins
Note: * Fixed high in a read access.
6.5.6
Basic Timing
Figure 6.18 shows the basic access timing for DRAM space. The basic DRAM access timing is
four states: one precharge cycle (Tp) state, one row address output cycle (Tr) state, and two column
address output cycle (Tc1, Tc2) states. Unlike the basic bus interface, the corresponding bits in
ASTCR control only enabling or disabling of wait insertion between Tc1 and Tc2, and do not affect
the number of access states. When the corresponding bit in ASTCR is cleared to 0, wait states
cannot be inserted between Tc1 and Tc2 in the DRAM access cycle.
If a DRAM read/write cycle is followed by an access cycle for an external area other than DRAM
space when
HWR and LWR are selected as the UCAS and LCAS output pins, an idle cycle (Ti) is
inserted unconditionally immediately after the DRAM access cycle. See section 6.9, Idle Cycle,
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com