công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 190 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 190 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 186Page - Renesas Technology Corp H8/3028 Datasheet HTML 187Page - Renesas Technology Corp H8/3028 Datasheet HTML 188Page - Renesas Technology Corp H8/3028 Datasheet HTML 189Page - Renesas Technology Corp H8/3028 Datasheet HTML 190Page - Renesas Technology Corp H8/3028 Datasheet HTML 191Page - Renesas Technology Corp H8/3028 Datasheet HTML 192Page - Renesas Technology Corp H8/3028 Datasheet HTML 193Page - Renesas Technology Corp H8/3028 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 923 page
background image
Rev. 2.00, 09/03, page 160 of 890
RAS Down Mode and RAS Up Mode: With DRAM provided with fast page mode, as long as
accesses are to the same row address, burst operation can be continued without interruption even if
accesses are not consecutive by holding the
RAS signal low.
• RAS Down Mode
To select RAS down mode, set the BE and RDM bits to 1 in DRCRA. If access to DRAM
space is interrupted and another space is accessed, the
RAS signal is held low during the
access to the other space, and burst access is performed if the row address of the next DRAM
space access is the same as the row address of the previous DRAM space access. Figure 6.23
shows an example of the timing in RAS down mode.
A23 to A0
φ
CSn (RAS)
Tp
Tr
Tc2
(
UCAS/LCAS)
PB4/PB5
D15 to D0
T2
Tc1
T1
Tc2
Tc1
AS
Note: n = 2 to 5
DRAM access
DRAM access
External space
access
Figure 6.23 Example of Operation Timing in RAS Down Mode (CSEL = 0)
When RAS down mode is selected, the conditions for an asserted
RASn signal to return to the
high level are as shown below. The timing in these cases is shown in figure 6.24.
 When DRAM space with a different row address is accessed
 Immediately before a CAS-before-RAS refresh cycle
 When the BE bit or RDM bit is cleared to 0 in DRCRA
 Immediately before release of the external bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com