công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 193 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 193 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 189Page - Renesas Technology Corp H8/3028 Datasheet HTML 190Page - Renesas Technology Corp H8/3028 Datasheet HTML 191Page - Renesas Technology Corp H8/3028 Datasheet HTML 192Page - Renesas Technology Corp H8/3028 Datasheet HTML 193Page - Renesas Technology Corp H8/3028 Datasheet HTML 194Page - Renesas Technology Corp H8/3028 Datasheet HTML 195Page - Renesas Technology Corp H8/3028 Datasheet HTML 196Page - Renesas Technology Corp H8/3028 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 923 page
background image
Rev. 2.00, 09/03, page 163 of 890
6.5.11
Refresh Control
The H8/3028 Group is provided with a CAS-before-RAS (CBR) function and self-refresh function
as DRAM refresh control functions.
CAS-Before-RAS (CBR) Refreshing: To select CBR refreshing, set the RCYCE bit to 1 in
DRCRB.
With CBR refreshing, RTCNT counts up using the input clock selected by bits CKS2 to CKS0 in
RTMCSR, and a refresh request is generated when the count matches the value set in RTCOR
(compare match). At the same time, RTCNT is reset and starts counting up again from H'00.
Refreshing is thus repeated at fixed intervals determined by RTCOR and bits CKS2 to CKS0. A
refresh cycle is executed after this refresh request has been accepted and the DRAM interface has
acquired the bus. Set a value in bits CKS2 to CKS0 in RTCOR that will meet the refresh interval
specification for the DRAM used. When RAS down mode is used, set the refresh interval so that
the maximum
RAS pulse width specification is met.
RTCNT starts counting up when bits CKS2 to CKS0 are set. RTCNT and RTCOR settings should
therefore be completed before setting bits CKS2 to CKS0.
Also note that a repeat refresh request generated during a bus request, or a refresh request during
refresh cycle execution, will be ignored.
RTCNT operation is shown in figure 6.26, compare match timing in figure 6.27, and CBR refresh
timing in figures 6.28 and 6.29.
RTCNT
RTCOR
H'00
Refresh request
Figure 6.26 RTCNT Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com