| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7721 bảng dữ liệu(PDF) 265 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 bảng dữ liệu(HTML) 265 Page - Renesas Technology Corp |
|
265 / 577 page ![]() 7721 Group User’s Manual 12–14 A-D CONVERTER 12.5 One-shot mode 12.5 One-shot mode In the one-shot mode, the operation for the input voltage from the one selected analog input pin is performed once, and the A-D conversion interrupt request occurs when the operation is completed. 12.5.1 Settings for one-shot mode Figure 12.5.1 shows an initial setting example for registers relevant to the one-shot mode. When using an interrupt, it is necessary to set the relevant registers to enable the interrupt. Refer to “CHAPTER 7. INTERRUPTS” for more descriptions. |