| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7220 bảng dữ liệu(PDF) 200 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 bảng dữ liệu(HTML) 200 Page - Renesas Technology Corp |
|
200 / 303 page ![]() APPLICATION 5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP) 7220 Group User’s Manual 5-27 5.5.3 Single-chip color TV signal processor function (1) Status read Status is read by sending the START condition, slave address “BB16.” After ACK is generated from the M52340SP, the status data is read out. After the status data is output, any acknowledge bit is not generated, but the STOP condition is sent by the master. Then this read operation is completed. Fig. 5.5.2 Staus read timing S S T A R T Bus operation of master side: SDA signal Bus operation of slave side: : START condition : STOP condition : Acknowledge bit : Read bit (1) : No acknowledge bit S P ACK R NACK P Data (n) S T O P A C K Slave address (R) R A C K N (2) Byte write Bytes are written by sending the START condition, slave address “BA16,” sub-address (1 byte), data (1 byte), and the STOP condition from the master. Fig. 5.5.3 Byte write timing Bus operation of master side: SDA signal S Slave address (W) Sub-address (n) Data (n) S T A R T A C K A C K A C K S T O P Bus operation of slave side: : START condition : STOP condition : Acknowledge bit : Write bit (0) S P ACK W W P |