| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 245 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 245 Page - Renesas Technology Corp |
|
245 / 1524 page ![]() Section 4 Memory Management Unit (MMU) Rev. 3.00 Jan. 18, 2008 Page 183 of 1458 REJ09B0033-0300 Table 4.1 Access States Designated by D, C, and PR Bits Privileged Mode User Mode Reading Writing Reading Writing D bit 0 Permitted Initial page write exception Permitted Initial page write exception 1 Permitted Permitted Permitted Permitted C bit 0 Permitted (no caching) Permitted (no caching) Permitted (no caching) Permitted (no caching) 1 Permitted (with caching) Permitted (with caching) Permitted (with caching) Permitted (with caching) PR bit 00 Permitted TLB protection violation exception TLB protection violation exception TLB protection violation exception 01 Permitted Permitted TLB protection violation exception TLB protection violation exception 10 Permitted TLB protection violation exception Permitted TLB protection violation exception 11 Permitted Permitted Permitted Permitted 4.4 MMU Functions 4.4.1 MMU Hardware Management There are two kinds of MMU hardware management as follows. 1. The MMU decodes the virtual address accessed by a process and performs address translation by controlling the TLB in accordance with the MMUCR settings. 2. In address translation, the MMU receives page management information from the TLB, and determines the MMU exception and whether the cache is to be accessed (using the C bit). For details of the determination method and the hardware processing, see section 4.5, MMU Exceptions. |