| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 138 Page - Renesas Technology Corp |
|
138 / 1524 page ![]() Section 2 CPU Rev. 3.00 Jan. 18, 2008 Page 76 of 1458 REJ09B0033-0300 Instruction Instruction Code Operation Privileged Mode Cycles T Bit STC R7_BANK,Rn 0000nnnn11110010 R7_BANK →Rn √ 1 – STC.L SR,@–Rn 0100nnnn00000011 Rn–4 →Rn, SR→(Rn) √ 1 – STC.L GBR,@–Rn 0100nnnn00010011 Rn–4 →Rn, GBR→(Rn) – 1 – STC.L VBR,@–Rn 0100nnnn00100011 Rn–4 →Rn, VBR→(Rn) √ 1 – STC.L SSR,@–Rn 0100nnnn00110011 Rn–4 →Rn, SSR→(Rn) √ 1 – STC.L SPC,@–Rn 0100nnnn01000011 Rn–4 →Rn, SPC→(Rn) √ 1 – STC.L R0_BANK,@–Rn 0100nnnn10000011 Rn–4 →Rn, R0_BANK→(Rn) √ 1 – STC.L R1_BANK,@–Rn 0100nnnn10010011 Rn–4 →Rn, R1_BANK→(Rn) √ 1 – STC.L R2_BANK,@–Rn 0100nnnn10100011 Rn–4 →Rn, R2_BANK→(Rn) √ 1 – STC.L R3_BANK,@–Rn 0100nnnn10110011 Rn–4 →Rn, R3_BANK→(Rn) √ 1 – STC.L R4_BANK,@–Rn 0100nnnn11000011 Rn–4 →Rn, R4_BANK→(Rn) √ 1 – STC.L R5_BANK,@–Rn 0100nnnn11010011 Rn–4 →Rn, R5_BANK→(Rn) √ 1 – STC.L R6_BANK,@–Rn 0100nnnn11100011 Rn–4 →Rn, R6_BANK→(Rn) √ 1 – STC.L R7_BANK,@–Rn 0100nnnn11110011 Rn–4 →Rn, R7_BANK→(Rn) √ 1 – STS MACH,Rn 0000nnnn00001010 MACH →Rn – 1 – STS MACL,Rn 0000nnnn00011010 MACL →Rn – 1 – STS PR,Rn 0000nnnn00101010 PR →Rn – 1 – STS.L MACH,@–Rn 0100nnnn00000010 Rn–4 →Rn, MACH→(Rn) – 1 – STS.L MACL,@–Rn 0100nnnn00010010 Rn–4 →Rn, MACL→(Rn) – 1 – STS.L PR,@–Rn 0100nnnn00100010 Rn–4 →Rn, PR→(Rn) – 1 – TRAPA #imm 11000011iiiiiiii Unconditional trap exception occurs* 2 – 8 – Notes: The table shows the minimum number of clocks required for execution. In practice, the number of execution cycles will be increased in the following conditions. a. If there is a conflict between an instruction fetch and a data access b. If the destination register of a load instruction (memory → register) is also used by the following instruction. For addressing modes with displacement (disp) as shown below, the assembler description in this manual indicates the value before it is scaled (x 1, x 2, or x 4) according to the operand size to clarify the LSI operation. For details on assembler description, refer to the description rules in each assembler. @ (disp:4, Rn) ; Register indirect with displacement @ (disp:8, GBR) ; GBR indirect with displacement @ (disp:8, PC) ; PC relative with displacement disp:8, disp:12 ; PC relative |