công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 222 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 222 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 218Page - Renesas Technology Corp SH7713 Datasheet HTML 219Page - Renesas Technology Corp SH7713 Datasheet HTML 220Page - Renesas Technology Corp SH7713 Datasheet HTML 221Page - Renesas Technology Corp SH7713 Datasheet HTML 222Page - Renesas Technology Corp SH7713 Datasheet HTML 223Page - Renesas Technology Corp SH7713 Datasheet HTML 224Page - Renesas Technology Corp SH7713 Datasheet HTML 225Page - Renesas Technology Corp SH7713 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 904 page
background image
Section 5 Memory Management Unit (MMU)
Rev.1.50 Aug. 30, 2006 Page 182 of 860
REJ09B0288-0150
Although the functions of the MMU could also be implemented by software alone, the need for
translation to be performed by software each time a process accesses physical memory would
result in poor efficiency. For this reason, a buffer for address translation (translation look-aside
buffer: TLB) is provided in hardware to hold frequently used address translation information. The
TLB can be described as a cache for storing address translation information. Unlike cache
memory, however, if address translation fails, that is, if an exception is generated, switching of
address translation information is normally performed by software. This makes it possible for
memory management to be performed flexibly by software.
The MMU has two methods of mapping from virtual memory to physical memory: a paging
method using fixed-length address translation, and a segment method using variable-length
address translation. With the paging method, the unit of translation is a fixed-size address space
(usually of 1 to 64 kbytes) called a page.
In the following text, the address space in virtual memory is referred to as virtual address space,
and address space in physical memory as physical memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More