| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7713 bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp |
|
66 / 904 page ![]() Section 1 Overview and Pin Function Rev.1.50 Aug. 30, 2006 Page 26 of 860 REJ09B0288-0150 Classification Symbol I/O Name Function RXD1, RXD0 I SCIF1/0 receive data Receive data pins TXD1, TXD0 O SCIF1/0 transmit data Transmit data pins Serial communication interface with FIFO (SCIF1/0) SCIF1CK, SCIF0CK I/O SCIF1/0 serial clock Clock I/O pins SCK_SIO1, SCK_SIO0 I/O SIOF1/0 communication clock Transmit/receive communication clock I/O pins SIOMCLK1, SIOMCLK 0 I SIOF1/0 clock input Master-clock input pins RXD_SIO1, RXD_SIO0 I SIOF1/0 receive data Receive data pins TXD_SIO1, TXD_SIO0 O SIOF1/0 transmit data Transmit data pins Serial I/O with FIFO (SIOF1/0) SIOFSYNC1, SIOFSYNC0 I/O SIOF1/0 Frame synchronous signal Transmit/receive frame- synchronous-signal I/O pins PTA7 to PTA0 I/O General purpose I/O port A 8-bit general-purpose I/O port pins PTB7 to PTB0 I/O General purpose I/O port B 8-bit general-purpose I/O port pins I/O port PTC7 to PTC0 I/O General purpose I/O port C 8-bit general-purpose I/O port pins |