công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 217 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 217 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 213Page - Renesas Technology Corp SH7713 Datasheet HTML 214Page - Renesas Technology Corp SH7713 Datasheet HTML 215Page - Renesas Technology Corp SH7713 Datasheet HTML 216Page - Renesas Technology Corp SH7713 Datasheet HTML 217Page - Renesas Technology Corp SH7713 Datasheet HTML 218Page - Renesas Technology Corp SH7713 Datasheet HTML 219Page - Renesas Technology Corp SH7713 Datasheet HTML 220Page - Renesas Technology Corp SH7713 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 904 page
background image
Section 4 Exception Handling
Rev.1.50 Aug. 30, 2006 Page 177 of 860
REJ09B0288-0150
Note:
In a repeat loop consisting of one to three instructions, some restrictions apply to repeat
detection instructions and all the remaining instructions. In a repeat loop consisting of four
or more instructions, restrictions apply to only the three instructions that include a repeat
end instruction.
Exception Retained in Repeat Control Period: In the repeat control period, an interrupt or some
exception will be retained to prevent an exception acceptance at an instruction where returning
from the exception cannot be performed correctly. For details, refer to repeat loop program
examples 1 to 4. In the examples, exceptions generated at instructions indicated as [B], [C], [C1],
or [C2], the following processing is executed.
• Interrupt, DMA address error
An exception request is not accepted and retained at instructions [B] and [C]. If an instruction
indicates as [A] is executed at the next time, an exception request is accepted.* As shown in
program examples 1 to 4, any interrupt or DMA address error cannot be accepted in a repeat
loop consisting of four instructions or less.
Note: * An interrupt request or a DMA address error exception request is retained in the
interrupt controller (INTC) and the direct memory access controller (DMAC) until the
CPU can accept a request.
• User break before instruction execution
A user break before instruction execution is accepted at instruction [B], and an address of
instruction [B] is saved in the SPC. This exception cannot be accepted at instruction [C] but
the exception request is retained until an instruction [A] or [B] is executed at the next time.
Then, the exception request is accepted before an instruction [A] or [B] is executed. In this
case, an address of instruction [A] or [B] is saved in the SPC.
• User break after instruction execution
A user break after instruction execution cannot be accepted at instructions [B] and [C] but the
exception request is retained until an instruction [A] or [B] is executed at the next time. Then,
the exception request is accepted before an instruction [A] or [B] is executed. In this case, an
address of instruction [A] or [B] is saved in the SPC.
Table 4.4
Exception Acceptance in Repeat Loop
Exception Type
Instruction [B]
Instruction [C]
Interrupt
Not accepted
Not accepted
DMA address error
Not accepted
Not accepted
User break before instruction execution
Accepted
Not accepted
User break after instruction execution
Not accepted
Not accepted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More