công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7713 bảng dữ liệu(PDF) 472 Page - Renesas Technology Corp

tên linh kiện SH7713
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 bảng dữ liệu(HTML) 472 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 468Page - Renesas Technology Corp SH7713 Datasheet HTML 469Page - Renesas Technology Corp SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp SH7713 Datasheet HTML 474Page - Renesas Technology Corp SH7713 Datasheet HTML 475Page - Renesas Technology Corp SH7713 Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 432 of 860
REJ09B0288-0150
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tpw
DACKn*2
Tp
Trr
A12/A11*1
Trc
Trc
Trc
Hi-z
Trc
Trc
CKE
RAS
DQMxx
CAS
Notes: 1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 12.26 Self-Refresh Timing
Relationship between Refresh Requests and Bus Cycles: If a refresh request occurs during bus
cycle execution, the refresh cycle must wait for the bus cycle to be completed. If a refresh request
occurs while the bus is released by the bus arbitration function, the refresh will not be executed
until the bus mastership is acquired. This LSI supports requests by the
REFOUT pin for the bus
mastership while waiting for the refresh request. The
REFOUT pin is asserted low until the bus
mastership is acquired.
If a new refresh request occurs while waiting for the previous refresh request, the previous refresh
request is deleted. To refresh correctly, a bus cycle longer than the refresh interval or the bus
mastership occupation must be prevented from occurring. If a bus mastership is requested during
self-refresh, the bus will not be released until the self-refresh is completed.
Low-Frequency Mode: When the SLOW bit in SDCR is set to 1, output of commands, addresses,
and write data, and fetch of read data are performed at a timing suitable for operating SDRAM at a
low frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com