| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7713 bảng dữ liệu(PDF) 413 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 bảng dữ liệu(HTML) 413 Page - Renesas Technology Corp |
|
413 / 904 page ![]() Section 12 Bus State Controller (BSC) Rev.1.50 Aug. 30, 2006 Page 373 of 860 REJ09B0288-0150 PCMCIA: • CS5BWCR, CS6BWCR Bit Bit Name Initial Value R/W Description 31 to 22 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 21 20 SA1 SA0 0 0 R/W R/W Space Attribute Specification Specify memory card interface or I/C card interface when the PCMCIA interface is selected. SA1 0: Specifies memory card interface when A25 = 1 1: Specifies I/O card interface when A25 = 1 SA0 0: Specifies memory card interface when A25 = 0 1: Specifies I/O card interface when A25 = 0 19 to 15 All 0 R Reserved These bits are always read as 0. The write value should always be 0. |