| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7708 bảng dữ liệu(PDF) 329 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 bảng dữ liệu(HTML) 329 Page - Renesas Technology Corp |
|
329 / 633 page ![]() 311 Bit: 7 6 5 4 3 2 1 0 Bit name: Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W 11.2.6 Input Capture Register (TCPR2) The input capture register (TCPR2) is a read-only 32-bit register built only into timer 2. Control of TCPR2 setting conditions due to the TCLK pin is affected by the input capture function bits (ICPE1/ICPE2 and CKEG1/CKEG0)) in TCR2. When a TCPR2 setting indication due to the TCLK pin occurs, the value of TCNT2 is copied into TCPR2. TCNT2 is not initialized by a power-on reset or manual reset, or in standby mode. TCPR2: Bit: 31 30 29 28 27 26 25 24 Bit name: Initial value: — — — — — — — — R/W: R R R R R R R R Bit: 23 22 21 20 19 18 17 16 Bit name: Initial value: — — — — — — — — R/W: R R R R R R R R Bit: 15 14 13 12 11 10 9 8 Bit name: Initial value: — — — — — — — — R/W: R R R R R R R R Bit: 7 6 5 4 3 2 1 0 Bit name: Initial value: — — — — — — — — R/W: R R R R R R R R |