| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7708 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 633 page ![]() 31 Table 2.4 Classification of Instructions (cont) Classification Types Operation Code Function No. of Instructions Branch 9 BF Conditional branch, delayed conditional branch (T = 0) 11 BT Conditional branch, delayed conditional branch (T = 1) BRA Unconditional branch BRAF Unconditional branch BSR Branch to subroutine procedure BSRF Branch to subroutine procedure JMP Unconditional branch JSR Branch to subroutine procedure RTS Return from subroutine procedure System 15 CLRT T bit clear 75 control CLRMAC MAC register clear CLRS Clear S bit LDC Load to control register LDS Load to system register LDTLB Load PTE to TLB NOP No operation PREF Prefetch data to cache RTE Return from exception handling SETS Set S bit SETT Set T bit SLEEP Shift to power-down mode STC Store from control register STS Store from system register TRAPA Trap exception handling Total: 68 188 Table 2.5 lists the SH7708 Series instruction code formats. |