| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/62 bảng dữ liệu(PDF) 388 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 bảng dữ liệu(HTML) 388 Page - Renesas Technology Corp |
|
388 / 621 page ![]() SIM interface Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 373 Start reception Processing after reading out reception data Continued from the previous page Checking completion of reception UART2 transmit/receive control register 1 [Address 037D16] U2C1 b7 b0 Receive complete flag 0 : No data present in receive buffer register 1 : Data present in receive buffer register Checking error UART2 receive buffer register [Address 037F16, 037E16] U2RB Overrun error flag 0 : No overrun error 1 : Overrun error found b7 b0 b7 b0 (b15) (b8) Receive data Framing error flag 0 : No framing error 1 : Framing error found Parity error flag 0 : No parity error 1 : Parity error found Error sum flag 0 : No error 1 : Error found Setting UART2 bit rate generator UART2 bit rate generator [Address 037916] U2BRG Can be set to 0016 to FF16 (Note) b7 b0 Note: Write to UART2 bit rate generator when transmission/reception is halted. Transmit enabled UART2 transmit/receive control register 1 [Address 037D16] U2C1 b7 b0 Receive enable bit 1 : Reception enabled 1 Transmit enable bit 1 : Transmission enabled 1 Figure 2.5.19. Set-up procedure of reception in UART mode (used for SIM interface)(2) |