| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/62M bảng dữ liệu(PDF) 274 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M bảng dữ liệu(HTML) 274 Page - Renesas Technology Corp |
|
274 / 615 page ![]() Appendix Standard Serial I/O Mode 1 (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1-255 Example Circuit Application for The Standard Serial I/O Mode 1 The below figure shows a circuit application for the standard serial I/O mode 1. Control pins will vary according to programmer, therefore see the peripheral unit manual for more information. Figure 1.29.21. Example circuit application for the standard serial I/O mode 1 RTS1(BUSY) CLK1 RXD1 TXD1 CNVss Clock input BUSY output Data input Data output P50(CE) P55(EPM) (1) Control pins and external circuitry will vary according to peripheral unit. For more information, see the peripheral unit manual. (2) In this example, the microprocessor mode and standard serial I/O mode are switched via a switch. NMI M16C/62A Group (Flash memory version) |