| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/26 bảng dữ liệu(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/26 bảng dữ liệu(HTML) 126 Page - Renesas Technology Corp |
|
126 / 239 page ![]() Renesas Technology Corp. Clock Synchronous Serial I/O Mode 120 M16C/26 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev. 0.9 Specifications in this manual are tentative and subject to change. Item Specification Select function • CLK polarity selection Whether transmit data output/input timing is at the rising edge or falling edge of the transfer clock can be selected • LSB first/MSB first selection Whether transmission/reception begins with bit 0 or bit 7 can be selected • Continuous receive mode selection Reception is enabled automatically after the receive buffer register is read • Switching serial data logic (UART2) Whether to invert data (1's complement) when writing to the transmission buffer register or reading the reception buffer register can be selected. • TxD, RxD I/O polarity reverse (UART2) This function inverts the TxD port output and RxD port input. All I/O data level is reversed. • Transfer clock output from multiple pins selection (UART1) UART1 transfer clock can be chosen by software to be output from one of the two pins set Table 1.15.3. Specifications of clock synchronous serial I/O mode (2) |