| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C/15 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 277 page ![]() A - 5 16.2 Repeat Mode...........................................................................................174 16.3 Sample and Hold.....................................................................................176 16.4 A/D Conversion Cycles ...........................................................................176 16.5 Internal Equivalent Circuit of Analog Input ..............................................177 16.6 Inflow Current Bypass Circuit ..................................................................178 17. Programmable I/O Ports 179 17.1 Functions of Programmable I/O Ports .....................................................179 17.2 Effect on Peripheral Functions ................................................................179 17.3 Pins Other than Programmable I/O Ports................................................179 17.4 Port setting ..............................................................................................186 17.5 Unassigned Pin Handling ........................................................................190 18. Flash Memory Version 191 18.1 Overview .................................................................................................191 18.2 Memory Map ...........................................................................................193 18.3 Functions To Prevent Flash Memory from Rewriting ..............................195 18.3.1 ID Code Check Function ..................................................................195 18.3.2 ROM Code Protect Function ............................................................196 18.4 CPU Rewrite Mode..................................................................................197 18.4.1 EW0 Mode........................................................................................198 18.4.2 EW1 Mode........................................................................................198 18.4.3 Software Commands ........................................................................205 18.4.4 Status Register .................................................................................209 18.4.5 Full Status Check .............................................................................210 18.5 Standard Serial I/O Mode........................................................................212 18.5.1 ID Code Check Function ..................................................................212 18.6 Parallel I/O Mode.....................................................................................216 18.6.1 ROM Code Protect Function ............................................................216 19. Electrical Characteristics 217 20. Precautions 235 20.1 Stop Mode and Wait Mode......................................................................235 20.1.1 Stop Mode ........................................................................................235 20.1.2 Wait Mode ........................................................................................235 20.2 Interrupts .................................................................................................236 |