| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7018 bảng dữ liệu(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7018 bảng dữ liệu(HTML) 74 Page - Renesas Technology Corp |
|
74 / 431 page ![]() 58 5.8 Notes on Use 5.8.1 Value of Stack Pointer (SP) The value of the stack pointer must always be a multiple of four. If it is not, an address error will occur when the stack is accessed during exception processing. 5.8.2 Value of Vector Base Register (VBR) The value of the vector base register must always be a multiple of four. If it is not, an address error will occur when the stack is accessed during exception processing. 5.8.3 Address Errors Caused by Stacking of Address Error Exception Processing When the stack pointer is not a multiple of four, an address error will occur during stacking of the exception processing (interrupts, etc.) and address error exception processing will start up as soon as the first exception processing is ended. Address errors will then also occur in the stacking for this address error exception processing. To ensure that address error exception processing does not go into an endless loop, no address errors are accepted at that point. This allows program control to be shifted to the address error exception service routine and enables error processing. When an address error occurs during exception processing stacking, the stacking bus cycle (write) is executed. During stacking of the status register (SR) and program counter (PC), the SP is –4 for both, so the value of SP will not be a multiple of four after the stacking either. The address value output during stacking is the SP value, so the address where the error occurred is itself output. This means the write data stacked will be undefined. |