công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7018 bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp

tên linh kiện SH7018
Giải thích chi tiết về linh kiện  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 68Page - Renesas Technology Corp SH7018 Datasheet HTML 69Page - Renesas Technology Corp SH7018 Datasheet HTML 70Page - Renesas Technology Corp SH7018 Datasheet HTML 71Page - Renesas Technology Corp SH7018 Datasheet HTML 72Page - Renesas Technology Corp SH7018 Datasheet HTML 73Page - Renesas Technology Corp SH7018 Datasheet HTML 74Page - Renesas Technology Corp SH7018 Datasheet HTML 75Page - Renesas Technology Corp SH7018 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 431 page
background image
56
5.6
When Exception Sources Are Not Accepted
When an address error or interrupt is generated after a delayed branch instruction or interrupt-
disabled instruction, it is sometimes not accepted immediately but stored instead, as shown in
table 5.10. When this happens, it will be accepted when an instruction that can accept the
exception is decoded.
Table 5.10
Generation of Exception Sources Immediately after a Delayed Branch
Instruction or Interrupt-Disabled Instruction
Exception Source
Point of Occurrence
Address Error
Interrupt
Immediately after a delayed branch instruction*1
Not accepted
Not accepted
Immediately after an interrupt-disabled instruction*2
Accepted
Not accepted
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
2. Interrupt-disabled instructions: LDC, LDC.L, STC, STC.L, LDS, LDS.L, STS, STS.L
5.6.1
Immediately after a Delayed Branch Instruction
When an instruction placed immediately after a delayed branch instruction (delay slot) is decoded,
neither address errors nor interrupts are accepted. The delayed branch instruction and the
instruction located immediately after it (delay slot) are always executed consecutively, so no
exception processing occurs during this period.
5.6.2
Immediately after an Interrupt-Disabled Instruction
When an instruction immediately following an interrupt-disabled instruction is decoded, interrupts
are not accepted. Address errors are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More