công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7018 bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện SH7018
Giải thích chi tiết về linh kiện  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 60Page - Renesas Technology Corp SH7018 Datasheet HTML 61Page - Renesas Technology Corp SH7018 Datasheet HTML 62Page - Renesas Technology Corp SH7018 Datasheet HTML 63Page - Renesas Technology Corp SH7018 Datasheet HTML 64Page - Renesas Technology Corp SH7018 Datasheet HTML 65Page - Renesas Technology Corp SH7018 Datasheet HTML 66Page - Renesas Technology Corp SH7018 Datasheet HTML 67Page - Renesas Technology Corp SH7018 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 431 page
background image
48
5.1.2
Exception Processing Operations
The exception processing sources are detected and begin processing according to the timing
shown in table 5.2.
Table 5.2
Timing of Exception Source Detection and the Start of Exception Processing
Exception
Source
Timing of Source Detection and Start of Processing
Power-on reset
Starts when the
RES pin changes from low to high.
Address error
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Interrupts
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Instructions
Trap instruction
Starts from the execution of a TRAPA instruction.
General illegal
instructions
Starts from the decoding of undefined code anytime except after
a delayed branch instruction (delay slot).
Illegal slot
instructions
Starts from the decoding of undefined code placed in a delayed
branch instruction (delay slot) or of instructions that rewrite the
PC.
When exception processing starts, the CPU operates as follows:
1. Exception processing triggered by reset:
The initial values of the program counter (PC) and stack pointer (SP) are fetched from the
exception processing vector table (PC and SP are respectively the H'00000000 and
H'00000004 addresses). See section 5.1.3, Exception Processing Vector Table, for more
information. 0 is then written to the vector base register (VBR) and 1111 is written to the
interrupt mask bits (I3 to I0) of the status register (SR). The program begins running from the
PC address fetched from the exception processing vector table.
2. Exception processing triggered by address errors, interrupts and instructions:
SR and PC are saved to the stack indicated by R15. For interrupt exception processing, the
interrupt priority level is written to the SR’s interrupt mask bits (I3 to I0). For address error
and instruction exception processing, the I3 to I0 bits are not affected. The start address is then
fetched from the exception processing vector table and the program begins running from that
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More