| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/1N bảng dữ liệu(PDF) 215 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N bảng dữ liệu(HTML) 215 Page - Renesas Technology Corp |
|
215 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 203 of 222 M16C/1N Group 19. Flash Memory Version REJ09B0007-0100Z (1) Example for Processing Pins when Using CAN Input/Output Mode Figure 19.17 shows example for processing pins when using CAN I/O. Control pins will vary according to programmer, therefore refer to the programmer manual for more information. (P16)SCLK CNVss Reset input CE(P31) Microcomputer SEL(P30) CRx CTx RESET User reset signal CAN transceiver CAN H CAN H CAN L CAN L (1) Control pins and external circuitry well vary according to programmer. For more information, refer to the programmer manual. (2) In this example, modes are switched between single-chip mode and CAN I/O mode by controlling the CNVSS input with a switch. Figure 19.17 Example for processing pins when using CAN I/O mode |