| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/1N bảng dữ liệu(PDF) 147 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N bảng dữ liệu(HTML) 147 Page - Renesas Technology Corp |
|
147 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 135 of 222 M16C/1N Group 16. CAN Module REJ09B0007-0100Z Figure 16.4 Bit Mapping of Mask Registers in Byte Access 16.3 Acceptance Mask Registers Figures 16.4 and 16.5 show the C0GMR register, the C0LMAR register, and the C0LMBR register, in which bit mapping in byte access and word access are shown. Figure 16.5 Bit Mapping of Mask Registers in Word Access Bit 7 Bit 0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 C0GMR register C0LMAR register C0LMBR register 036016 036116 036216 036316 036416 036616 036716 036816 036916 036A16 036C16 036D16 036E16 036F16 037016 Addresses CAN0 Note 1: is indeterminate. Note 2: These registers can be written in CAN reset/initialization mode of the CAN module. Bit 15 Bit 0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 Bit 8 Bit 7 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 SID10 SID9 SID8 SID7 SID6 SID5 SID4 SID3 SID2 SID1 SID0 EID17 EID16 EID15 EID14 EID13 EID12 EID11 EID10 EID9 EID8 EID7 EID6 EID5 EID4 EID3 EID2 EID1 EID0 C0GMR register C0LMAR register C0LMBR register 036016 036216 036416 036616 036816 036A16 036C16 036E16 037016 Addresses CAN0 Note 1: is indeterminate. Note 2: These registers can be written in CAN reset/initialization mode of the CAN module. |