công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 1008 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 1008 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 1004Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1005Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1006Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1007Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1008Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1009Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1010Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1011Page - Renesas Technology Corp H8S/2114R Datasheet HTML 1012Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1008 / 1038 page
background image
Section 26 Electrical Characteristics
Rev. 3.00 Jul. 14, 2005 Page 960 of 986
REJ09B0098-0300
Table 26.7
Timing of On-Chip Peripheral Modules
Conditions:
V
CC = 3.0 V to 3.6 V, VSS = 0 V, φSUB = 32.768 kHz*, φ = 4 MHz to 20 MHz
Item
Symbol
Min.
Max.
Unit
Test
Conditions
I/O ports
Output data delay time
t
PWD
50
ns
Input data setup time
t
PRS
30
Input data hold time
t
PRH
30
Figure 26.9
FRT
Timer output delay time
t
FTOD
50
ns
Timer input setup time
t
FTIS
30
Figure 26.10
Timer clock input setup time
t
FTCS
30
Figure 26.11
Single edge
t
FTCWH
1.5
t
cyc
Timer clock pulse width
Both edges
t
FTCWL
2.5
TPU
Timer output delay time
t
TOCD
50
ns
Timer input setup time
t
TICS
30
Figure 26.12
Timer clock input setup time
t
TCKS
30
Figure 26.13
Single edge
t
TCKWH
1.5
t
cyc
Timer clock pulse width
Both edges
t
TCKWL
2.5
TMR
Timer output delay time
t
TMOD
50
ns
Figure 26.14
Timer reset input setup time
t
TMRS
30
Figure 26.16
Timer clock input setup time
t
TMCS
30
Figure 26.15
Single edge
t
TMCWH
1.5
t
cyc
Timer clock pulse width
Both edges
t
TMCWL
2.5
PWM, PWMX
Timer output delay time
t
PWOD
50
ns
Figure 26.17
SCI
Asynchronous
t
Scyc
4
t
cyc
Input clock cycle
Synchronous
6
Figure 26.18
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Input clock rise time
t
SCKr
1.5
t
cyc
Input clock fall time
t
SCKf
1.5
Transmit data delay time (synchronous)
t
TXD
50
ns
Receive data setup time (synchronous)
t
RXS
50
Receive data hold time (synchronous)
t
RXH
50
Figure 26.19
A/D converter
Trigger input setup time
t
TRGS
30
ns
Figure 26.20
WDT
RESO output delay time
t
RESD
100
ns
RESO output pulse width
t
RESOW
132
t
cyc
Figure 26.21
Note:
*
Applied only for the peripheral modules that are available during subclock operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com