công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 646 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 646 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 642Page - Renesas Technology Corp H8S/2114R Datasheet HTML 643Page - Renesas Technology Corp H8S/2114R Datasheet HTML 644Page - Renesas Technology Corp H8S/2114R Datasheet HTML 645Page - Renesas Technology Corp H8S/2114R Datasheet HTML 646Page - Renesas Technology Corp H8S/2114R Datasheet HTML 647Page - Renesas Technology Corp H8S/2114R Datasheet HTML 648Page - Renesas Technology Corp H8S/2114R Datasheet HTML 649Page - Renesas Technology Corp H8S/2114R Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 598 of 986
REJ09B0098-0300
Read KBCRL
KBF = 0?
RXCR3 to RXCR0
≥
B'1001?
Disable receive abort
requests
Yes
Start
Receive state
Read KBCRH
Processing 1
KCLKO = 0
(receive abort request)
Retransmit
command transmission
(data)?
KBE = 0
(disable KBBR reception
and clear receive counter)
Set start bit
(KDO = 0)
Clear I/O inhibit
(KCLKO = 1)
Transmit data
To transmit operation
KBE = 0
(disable KBBR reception
and clear receive counter)
KBE = 1
(enable KB operation)
Clear I/O inhibit
(KCLKO = 1)
To receive operation
[1] Read KBCRL, and if KBF = 1,
perform processing 1.
[2] Read KBCRH, and if the value of
bits RXCR3 to RXCR0 is less than
B'1001, write 0 in KCLKO to abort
reception.
[3] If the value of bits RXCR3 to
RXCR0 is B'1001 or greater, wait
until stop bit reception is
completed, then perform receive
data processing, and proceed to
the next operation.
If the value of bits RXCR3 to
RXCR0 is B'1001 or greater, the
parity bit is being received. With
the PS2 interface, a receive abort
request following parity bit
reception is disabled. Wait until
stop bit reception is completed,
perform receive data processing
and clear the KBF flag, then
proceed to the next operation.
Yes
No
No
No
Yes
[1]
[2]
[3]
Figure 17.7 (1) Sample Receive Abort Processing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com