công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 645 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 645 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 641Page - Renesas Technology Corp H8S/2114R Datasheet HTML 642Page - Renesas Technology Corp H8S/2114R Datasheet HTML 643Page - Renesas Technology Corp H8S/2114R Datasheet HTML 644Page - Renesas Technology Corp H8S/2114R Datasheet HTML 645Page - Renesas Technology Corp H8S/2114R Datasheet HTML 646Page - Renesas Technology Corp H8S/2114R Datasheet HTML 647Page - Renesas Technology Corp H8S/2114R Datasheet HTML 648Page - Renesas Technology Corp H8S/2114R Datasheet HTML 649Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 597 of 986
REJ09B0098-0300
12
89
017
10
11
KCLK
(pin state)
KCLK
(input)
Receive
completed
notification
KCLK
(output)
KBTE
KTER
KBTS
KD
(pin state)
Parity
Start bit
I/O inhibit
[1] to [3]
[6] [7] [8]
[9] [10]
[11]
[4]
[5]
Stop bit
I/O inhibit
Figure 17.6 Transmit Timing
17.4.3
Receive Abort
This LSI (system side) can forcibly abort transmission from the device connected to it (keyboard
side) in the event of a protocol error, etc. In this case, the system holds the clock low. During
reception, the keyboard also outputs a clock for synchronization, and the clock is monitored when
the keyboard output clock is high. If the clock is low at this time, the keyboard judges that there is
an abort request from the system, and data transmission from the keyboard is aborted. Thus the
system can abort reception by holding the clock low for a certain period. A sample receive abort
processing flowchart is shown in figure 17.7, and the receive abort timing in figure 17.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com