công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 642 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 642 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 638Page - Renesas Technology Corp H8S/2114R Datasheet HTML 639Page - Renesas Technology Corp H8S/2114R Datasheet HTML 640Page - Renesas Technology Corp H8S/2114R Datasheet HTML 641Page - Renesas Technology Corp H8S/2114R Datasheet HTML 642Page - Renesas Technology Corp H8S/2114R Datasheet HTML 643Page - Renesas Technology Corp H8S/2114R Datasheet HTML 644Page - Renesas Technology Corp H8S/2114R Datasheet HTML 645Page - Renesas Technology Corp H8S/2114R Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 1038 page
background image
Section 17 Keyboard Buffer Control Unit (KBU)
Rev. 3.00 Jul. 14, 2005 Page 594 of 986
REJ09B0098-0300
Start
Set KBIOE bit
Read KBCRH
KCLKI
and KDI bits both
1?
Set KBE bit
Receive enabled state
KBF = 1?
PER = 0?
KBS = 1?
Read KBBR
Receive data processing
Clear KBF flag
(receive enabled state)
Keyboard side in data
transmission state.
Execute receive abort
processing.
Error handling
[1] Set the KBIOE bit to 1 in
KBCRL.
[2] Read KBCRH, and if the
KCLKI and KDI bits are
both 1, set the KBE bit
(receive enabled state).
[3] Detect the start bit output
on the keyboard side and
receive data in
synchronization with the fall
of KCLK.
[4] When a stop bit is received,
the keyboard buffer
controller drives KCLK low
to disable keyboard
transmission (automatic I/O
inhibit).
If the KBIE bit is set to 1 in
KBCRH, an interrupt
request is sent to the CPU
at the same time.
[5] Perform receive data
processing.
[6] Clear the KBF flag to 0 in
KBCRL. At the same time,
the system automatically
drives KCLK high, setting
the receive enabled state.
The receive operation can be
continued by repeating steps
[3] to [6].
[1]
[2]
[3]
[4]
[5]
[6]
Yes
No
Yes
Yes
Yes
No
No
No
Figure 17.3 Sample Receive Processing Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com