công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 570 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 570 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 566Page - Renesas Technology Corp H8S/20203 Datasheet HTML 567Page - Renesas Technology Corp H8S/20203 Datasheet HTML 568Page - Renesas Technology Corp H8S/20203 Datasheet HTML 569Page - Renesas Technology Corp H8S/20203 Datasheet HTML 570Page - Renesas Technology Corp H8S/20203 Datasheet HTML 571Page - Renesas Technology Corp H8S/20203 Datasheet HTML 572Page - Renesas Technology Corp H8S/20203 Datasheet HTML 573Page - Renesas Technology Corp H8S/20203 Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 544 of 962
REJ09B0465-0100
• External clock operation
An external clock input pin (TCLK) can be selected by bits TPSC2 to TPSC0 in TRDCR, and
a detection edge can be selected by bits CKEG1 and CKEG0. To detect an external clock, the
rising edge, falling edge, or both edges can be selected.
Figure 16.11 illustrates the detection timing of the rising and falling edges.
TRDCNT
External clock
input pin
TRDCNT input
N-1
N
N+1
φ
Figure 16.11 Count Timing in External Clock Operation (Both Edges Detected)
16.3.2
Waveform Output by Compare Match
Timer RD can perform 0, 1, or toggle output from the corresponding FTIOA, FTIOB, FTIOC, or
FTIOD output pin using compare match A, B, C, or D.
Figure 16.12 shows an example of the setting procedure for waveform output by compare match.
[1]
Select 0 output, 1 output, or toggle
output as a compare much output, by
means of TRDIOR. The initial values set
in TRDOCR are output unit the first
compare match occurs.
[2]
Set the timing for compare match
generation in GRA/GRB/GRC/GRD.
[3]
Enable or disable the timer output by
TRDOER1.
[4]
Set the STR bit in TRDSTR to 1 to start
the TRDCNT count operation.
[1]
Output selection
Select waveform output mode
[2]
Set output timing
[3]
Enable waveform output
[4]
Start count operation
<Waveform output>
Figure 16.12 Example of Setting Procedure for Waveform Output by Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com