công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 568 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 568 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 564Page - Renesas Technology Corp H8S/20203 Datasheet HTML 565Page - Renesas Technology Corp H8S/20203 Datasheet HTML 566Page - Renesas Technology Corp H8S/20203 Datasheet HTML 567Page - Renesas Technology Corp H8S/20203 Datasheet HTML 568Page - Renesas Technology Corp H8S/20203 Datasheet HTML 569Page - Renesas Technology Corp H8S/20203 Datasheet HTML 570Page - Renesas Technology Corp H8S/20203 Datasheet HTML 571Page - Renesas Technology Corp H8S/20203 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 542 of 962
REJ09B0465-0100
(1) Free-Running Count Operation and Periodic Count Operation
Immediately after a reset, the TRDCNT counters for channels 0 and 1 are all designated as free-
running counters. When the relevant bit in TRDSTR is set to 1, the corresponding TRDCNT
counter starts an increment operation as a free-running counter. When TRDCNT overflows, the
OVF flag in TRDSR is set to 1. If the value of the OVIE bit in the corresponding TRDIER is 1 at
this point, timer RD requests an interrupt. After overflow, TRDCNT starts an increment operation
again from H'0000.
Figure 16.8 illustrates free-running counter operation.
H'FFFF
TRDCNT value
Time
H'0000
STR0,
STR1
OVF
Figure 16.8 Free-Running Counter Operation
When compare match is selected as the TRDCNT clearing source, the TRDCNT counter for the
relevant channel performs periodic count operation. The GR registers for setting the period are
designated as output compare registers, and counter clearing by compare match is selected by
means of bits CCLR1 and CCLR0 in TRDCR. After the settings have been made, TRDCNT starts
an increment operation as a periodic counter when the corresponding bit in TRDSTR is set to 1.
When the count value matches the value in GR, the IMFA, IMFB, IMFC, or IMFD flag in TRDSR
is set to 1 and TRDCNT is cleared to H'0000. If the value of the corresponding IMIEA, IMIEB,
IMIEC, or IMIED bit in TRDIER is 1 at this point, timer RD requests an interrupt. After a
compare match, TRDCNT starts an increment operation again from H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com