công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 567 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 567 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 563Page - Renesas Technology Corp H8S/20203 Datasheet HTML 564Page - Renesas Technology Corp H8S/20203 Datasheet HTML 565Page - Renesas Technology Corp H8S/20203 Datasheet HTML 566Page - Renesas Technology Corp H8S/20203 Datasheet HTML 567Page - Renesas Technology Corp H8S/20203 Datasheet HTML 568Page - Renesas Technology Corp H8S/20203 Datasheet HTML 569Page - Renesas Technology Corp H8S/20203 Datasheet HTML 570Page - Renesas Technology Corp H8S/20203 Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 541 of 962
REJ09B0465-0100
16.3.1
Counter Operation
When one of bits STR0 and STR1 in TRDSTR is set to 1, the TRDCNT counter for the
corresponding channel begins counting. TRDCNT can operate as a free-running counter, periodic
counter, for example. Figure 16.7 shows an example of the counter operation setting procedure.
[1]
Select the counter clock with bits
TPSC2 to TPSC0 in TRDCR. When
an external clock is selected, select
the external clock edge with bits
CKEG1 and CKEG0 in TRDCR.
[2]
For periodic counter operation, select
the TRDCNT clearing source with bits
CCLR2 to CCLR0 in TRDCR.
[3]
Designate the general register
selected in [2] as an output compare
register by means of TRDIOR.
[4]
Set the periodic counter cycle in the
general register selected in [2].
[5]
Set the STR bit in TRDSTR to 1 to
start the counter operation.
Operation selection
[1]
Select counter clock
[2]
Select counter clearing source
[3]
Select output compare register
[5]
Start count operation
[4]
Set period
Periodic counter
Free-running counter
Figure 16.7 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com