công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 863 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 863 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 859Page - Renesas Technology Corp H8S/20103 Datasheet HTML 860Page - Renesas Technology Corp H8S/20103 Datasheet HTML 861Page - Renesas Technology Corp H8S/20103 Datasheet HTML 862Page - Renesas Technology Corp H8S/20103 Datasheet HTML 863Page - Renesas Technology Corp H8S/20103 Datasheet HTML 864Page - Renesas Technology Corp H8S/20103 Datasheet HTML 865Page - Renesas Technology Corp H8S/20103 Datasheet HTML 866Page - Renesas Technology Corp H8S/20103 Datasheet HTML 867Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 863 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 837 of 962
REJ09B0465-0100
24.4.2
Scan Mode in A/D Conversion Mode
In scan mode in A/D conversion mode, A/D conversion is to be performed sequentially on the
specified channels: maximum four channels or maximum eight channels. Operations are as
follows.
1. When the ADST bit in ADCSR is set to 1 by a software, timer RC, timer RD or external
trigger input, A/D conversion starts on the first channel of the channel set.
The consecutive A/D conversion on maximum four channels (SCANE = 1 and SCANS = 0) or
on maximum eight channels (SCANE = 1 and SCANS = 1) can be selected. When the
consecutive A/D conversion is performed on the four channels, the A/D conversion starts on
AN0 when CH3 = 0 and CH2 =0, AN4 when CH3 = 0 and CH2 = 1, or AN8 when CH3 = 1
and CH2 = 0. When the consecutive A/D conversion is performed on the eight channels, the
A/D conversion starts on AN0 when CH3 = 0 and CH2 = 0.
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested. The A/D conversion starts
again from the first channel of the channel set again.
4. The ADST bit is not cleared automatically, and steps [2] to [3] are repeated as long as the
ADST bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops and the
A/D converter enters wait state. If the ADST bit is later set to 1, A/D conversion starts again
from the first channel of the channel set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com