công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 867 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 867 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 863Page - Renesas Technology Corp H8S/20103 Datasheet HTML 864Page - Renesas Technology Corp H8S/20103 Datasheet HTML 865Page - Renesas Technology Corp H8S/20103 Datasheet HTML 866Page - Renesas Technology Corp H8S/20103 Datasheet HTML 867Page - Renesas Technology Corp H8S/20103 Datasheet HTML 868Page - Renesas Technology Corp H8S/20103 Datasheet HTML 869Page - Renesas Technology Corp H8S/20103 Datasheet HTML 870Page - Renesas Technology Corp H8S/20103 Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 841 of 962
REJ09B0465-0100
AN0
VAL[9:0]
CMP0 in CMPR
ADST
ADF
Comparison voltage input
Specified voltage
Wait for comparison
AN1
Comparison voltage input
Wait for comparison
Wait for comparison
Previous comparison result
Comparison result
CMP1 in CMPR
Previous comparison result
Comparison result
Figure 24.6 A/D Converter Operation in Compare Mode
(When AN0 to AN2 Channels are Selected in Scan Mode)
24.5.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when A/D conversion start delay time (t
D) passes after the ADST bit is set to 1, then starts
conversion. Figure 24.7 shows the A/D conversion timing. Table 24.6 indicates the A/D
conversion time.
As indicated in figure 24.7, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL). The length of tD varies depending on the timing of the write access to ADCSR. The total
conversion time therefore varies within the ranges indicated in tables 24.6.
In scan mode, the values given in table 24.6 apply to the first conversion time. The values given in
table 24.7 apply to the second and subsequent conversions. In any conversions, the CKS[1:0] bits
in ADCR should be set so that the conversion time should fall within the specified A/D conversion
characteristics range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com