công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 830 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 830 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 826Page - Renesas Technology Corp H8S/20103 Datasheet HTML 827Page - Renesas Technology Corp H8S/20103 Datasheet HTML 828Page - Renesas Technology Corp H8S/20103 Datasheet HTML 829Page - Renesas Technology Corp H8S/20103 Datasheet HTML 830Page - Renesas Technology Corp H8S/20103 Datasheet HTML 831Page - Renesas Technology Corp H8S/20103 Datasheet HTML 832Page - Renesas Technology Corp H8S/20103 Datasheet HTML 833Page - Renesas Technology Corp H8S/20103 Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 804 of 962
REJ09B0465-0100
23.2.2
LIN Status Register (LINST)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
B2CLR
0
b4
B1CLR
0
b3
B0CLR
0
b2
BCDCT
0
b1
SBDCT
0
b0
SFDCT
0
H'FF0519
Bit
Symbol
Bit Name
Description
R/W
7, 6
Reserved
These bits are read as 0. The write value should
be 0.
5
B2CLR
BCDCT flag clear
The BCDCT flag is cleared when 1 is written to
this bit.
This bit is always read as 0.
R/W
4
B1CLR
SBDCT flag clear
The SBDCT flag is cleared when 1 is written to
this bit.
This bit is always read as 0.
R/W
3
B0CLR
SFDCT flag clear
The SFDCT flag is cleared when 1 is written to
this bit.
This bit is always read as 0.
R/W
2
BCDCT
Bus conflict
detection flag
0: No bus conflict is detected.
1: Indicates that bus conflict has been detected.
R
1
SBDCT
Sync Break
detection flag
0: Sync Bread is not detected.
1: Indicates that Sync Break has been detected.
R
0
SFDCT
Sync Field
measurement end
flag
0: Sync Field measurement is not ended.
1: Indicates that Sync Field measurement has
been ended.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com