công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 834 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 834 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 830Page - Renesas Technology Corp H8S/20103 Datasheet HTML 831Page - Renesas Technology Corp H8S/20103 Datasheet HTML 832Page - Renesas Technology Corp H8S/20103 Datasheet HTML 833Page - Renesas Technology Corp H8S/20103 Datasheet HTML 834Page - Renesas Technology Corp H8S/20103 Datasheet HTML 835Page - Renesas Technology Corp H8S/20103 Datasheet HTML 836Page - Renesas Technology Corp H8S/20103 Datasheet HTML 837Page - Renesas Technology Corp H8S/20103 Datasheet HTML 838Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 808 of 962
REJ09B0465-0100
23.3.2
Slave Mode
Figure 23.5 shows the example of hardware LIN interface operation for receiving the header field
in slave mode. Figures 23.6 to 23.8 show the flowcharts for header field reception.
The hardware LIN interface operates as follows for header field reception.
1. When 1 is written to the LSTART bit in LINCR register of the hardware LIN interface, Sync
Break detection is enabled.
2. When a low level input is longer than the time set in timer RA, it is detected as Sync Break,
thus setting the SBDCT flag in the LINST register to 1. In this case, if the SBIE bit in the
LINCR register is set to 1, the timer RA/HW-LIN interrupt occurs. The hardware LIN
interface then measures the Sync Field.
3. The hardware LIN interface receives the Sync Field (H'55). During reception, the hardware
LIN interface measures the time from the start bit through bit 6. Here, the Sync Field input to
the SCI3 RXD can be either enabled or disabled depending on the SBE bit setting in the
LINCR register.
4. Completion of Sync Field measurement sets the SFDCT flag in the LINST register to 1. In this
case, if the SFIE bit in the LINCR register is 1, the timer RA/HW-LIN interrupt occurs.
5. After completing Sync Field measurement, the hardware LIN interface calculates the transfer
rate from the timer RA count value and sets the rate in SCI3_1, and also updates the TRAPRE
and TRATR registers in timer RA. Then the hardware LIN interface receives the ID field using
SCI3_1.
6. After completing ID field reception, the hardware LIN interface performs response field
communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com