công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 814 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 814 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 810Page - Renesas Technology Corp H8S/20103 Datasheet HTML 811Page - Renesas Technology Corp H8S/20103 Datasheet HTML 812Page - Renesas Technology Corp H8S/20103 Datasheet HTML 813Page - Renesas Technology Corp H8S/20103 Datasheet HTML 814Page - Renesas Technology Corp H8S/20103 Datasheet HTML 815Page - Renesas Technology Corp H8S/20103 Datasheet HTML 816Page - Renesas Technology Corp H8S/20103 Datasheet HTML 817Page - Renesas Technology Corp H8S/20103 Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 788 of 962
REJ09B0465-0100
Yes
Start
Initialization
Dummy read on SSRDR
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[1] After setting each register in the SSU,
dummy read on SSRDR is performed
and reception is started.
[2] Determine whether the last one byte of
data is received. When the last one byte
of data is received, set to stop reception
after the data is received.
[3][6] When a receive error occurs, clear the
ORER flag to 0 after the ORER flag in
SSSR is read and an appropriate error
processing is performed. When the ORER
flag is set to 1, transmission/reception
cannot be started again.
[4] Confirm that the RDRF bit is 1. If the RDRF
bit is 1, receive data in SSRDR is read. If the
SSRDR bit is read, the RDRF bit is automatically
cleared.
[5] Before the last one byte of data is received,
set the RSSTP bit to 1 and reception is stopped
after the data is received.
[7] Confirm that the RDRF bit is 1. To end
reception, clear the RE and RSSTP bits to
0 and then read the last receive data. If the
SSRDR bit is read before clearing the RE bit,
reception is started again.
Last reception?
Read ORER
ORER = 1?
Read RDRF
RDRF = 1?
Read receive data
in SSRDR
Yes
Yes
No
No
Yes
Yes
No
No
No
Set RSSTP to 1
Read ORER
ORER = 1?
Read RDRF
RDRF = 1?
RE = 0, RSSTP = 0
Read receive data
in SSRDR
End
Overrun error
processing
Figure 22.8 Sample Serial Reception Flowchart (MSS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com