công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 811 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 811 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 807Page - Renesas Technology Corp H8S/20103 Datasheet HTML 808Page - Renesas Technology Corp H8S/20103 Datasheet HTML 809Page - Renesas Technology Corp H8S/20103 Datasheet HTML 810Page - Renesas Technology Corp H8S/20103 Datasheet HTML 811Page - Renesas Technology Corp H8S/20103 Datasheet HTML 812Page - Renesas Technology Corp H8S/20103 Datasheet HTML 813Page - Renesas Technology Corp H8S/20103 Datasheet HTML 814Page - Renesas Technology Corp H8S/20103 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 785 of 962
REJ09B0465-0100
(2) Serial Data Transmission
Figure 22.5 shows an example of the SSU operation for transmission. In serial transmission, the
SSU operates as described below.
When the SSU is set as a master device, it outputs a synchronous clock and data. When the SSU is
set as a slave device, it outputs data in synchronized with the input clock.
When the SSU writes transmit data in SSTDR after setting the TE bit to 1, the TDRE flag is
automatically cleared to 0 and data is transferred from SSTDR to SSTRSR. Then the SSU sets the
TDRE flag to 1 and starts transmission. If the TIE bit in SSER is set to 1 at this time, a TXI is
generated.
When the TDRE flag is 0 and one frame of data has transferred, data is transferred from SSTDR to
SSTRSR and serial transmission of the next frame is started. If the eighth bit is transmitted while
the TDRE flag is 1, the TEND bit in SSSR is set to 1 and the state is retained. If the TEIE bit in
SSER is set to 1 at this time, a TEI is generated. After transmission is ended, the SSCK pin is
fixed high.
While the ORER bit in SSSR is set to 1, transmission cannot be performed. Therefore confirm that
the ORER bit is cleared to 0 before transmission.
Figure 22.6 shows a sample flowchart for serial data transmission.
SSCK
SSO
Bit 0
Bit 1
Bit 0
Bit 7
Bit 7
Bit 1
TDRE
TEND
LSI Operation
User
processing
Write data
in SSTDR
Write data
in SSTDR
TXI generated
TXI generated
TEI generated
One frame
One frame
Figure 22.5 Example of Operation in Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com