công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 813 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 813 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 809Page - Renesas Technology Corp H8S/20103 Datasheet HTML 810Page - Renesas Technology Corp H8S/20103 Datasheet HTML 811Page - Renesas Technology Corp H8S/20103 Datasheet HTML 812Page - Renesas Technology Corp H8S/20103 Datasheet HTML 813Page - Renesas Technology Corp H8S/20103 Datasheet HTML 814Page - Renesas Technology Corp H8S/20103 Datasheet HTML 815Page - Renesas Technology Corp H8S/20103 Datasheet HTML 816Page - Renesas Technology Corp H8S/20103 Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 787 of 962
REJ09B0465-0100
(3) Serial Data Reception
Figure 22.7 shows an example of the SSU operation for reception. In serial reception, the SSU
operates as described below.
When the SSU is set as a master device, it outputs a synchronous clock and inputs data. When the
SSU is set as a slave device, it inputs data in synchronized with the input clock. When the SSU is
set as a master device, it outputs a receive clock and starts reception by performing dummy read
on SSRDR.
After eight bits of data is received, the RDRF bit in SSSR is set to 1 and received data is stored in
SSRDR. If the RIE bit in SSER is set to 1 at this time, a RXI is generated. If SSRDR is read, the
RDRF bit is automatically cleared to 0.
When the SSU is set as a master device and reception is ended, received data is read after setting
the RSSTP bit in SSCRH to 1. Then the SSU outputs eight bits of clocks and operation is stopped.
After that, the RE and RSSTP bits are cleared to 0 and the last received data is read. Note that if
SSRDR is read while the RE bit is set to 1, received clock is output again.
When the eighth clock rises while the RDRF bit is 1, the ORER bit in SSSR is set. Then an
overrun error (OEI) is generated and operation is stopped. When the ORER bit in SSSR is set to 1,
reception cannot be performed. Therefore confirm that the ORER bit is cleared to 0 before
reception.
Figure 22.8 shows a sample flowchart for serial data reception.
SSCK
SSO
Bit 0
Bit 7
Bit 0
Bit 7
Bit 0
Bit 7
RDRF
LSI operation
RXI generated
RXI generated
RXI generated
User
processing
Dummy read
on SSRDR
Read data in SSRDR
Read data
in SSRDR
Set RSSTP to 1
RSSTP
One frame
One frame
Figure 22.7 Example of Operation in Data Reception (MSS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com