công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 662 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 662 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 658Page - Renesas Technology Corp H8S/20103 Datasheet HTML 659Page - Renesas Technology Corp H8S/20103 Datasheet HTML 660Page - Renesas Technology Corp H8S/20103 Datasheet HTML 661Page - Renesas Technology Corp H8S/20103 Datasheet HTML 662Page - Renesas Technology Corp H8S/20103 Datasheet HTML 663Page - Renesas Technology Corp H8S/20103 Datasheet HTML 664Page - Renesas Technology Corp H8S/20103 Datasheet HTML 665Page - Renesas Technology Corp H8S/20103 Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 636 of 962
REJ09B0465-0100
18.2.5
Timer RG Status Register (TRGSR)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
DIRF
0
b3
OVF
0
b2
UDF
0
b1
IMFB
0
b0
IMFA
0
H'FF064A
Bit
Symbol
Bit Name
Description
R/W
7 to 5
Reserved
These bits are read as 1. The write value should be 1.
4
DIRF
Count
direction flag
0: TRGCNT is decremented.
1: TRGCNT is incremented.
R
3
OVF
Overflow flag
[Setting condition]
• When TRGCNT overflows from H'FFFF to H'0000
[Clearing condition]
• When OVF is read when OVF = 1, then 0 is written to.
R/W
2
UDF
Underflow flag [Setting condition]
• When TRGCNT underflows from H'0000 to H'FFFF
[Clearing condition]
• When UDF is read when UDF = 1, then 0 is written to.
UDF is valid when phase counting mode is used (MDF in
TRGMDR is 1).
R/W
1
IMFB
Input capture/
compare
match flag B
[Setting conditions]
• TRGCNT = GRB when GRB functions as an output
compare register
• The TRGCNT value is transferred to GRB by an input
capture signal when GRB functions as an input
capture register
[Clearing condition]
• When the DTC is activated by a IMFB interrupt, and
the DISEL bit in MRB of the DTC is 0.
• When IMFB is read when IMBF = 1, then 0 is written
to.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com