công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 659 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 659 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 655Page - Renesas Technology Corp H8S/20103 Datasheet HTML 656Page - Renesas Technology Corp H8S/20103 Datasheet HTML 657Page - Renesas Technology Corp H8S/20103 Datasheet HTML 658Page - Renesas Technology Corp H8S/20103 Datasheet HTML 659Page - Renesas Technology Corp H8S/20103 Datasheet HTML 660Page - Renesas Technology Corp H8S/20103 Datasheet HTML 661Page - Renesas Technology Corp H8S/20103 Datasheet HTML 662Page - Renesas Technology Corp H8S/20103 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 633 of 962
REJ09B0465-0100
18.2.3
Timer RG Control Register (TRGCR)
Address:
Bit:
Value after reset:
b7
1
b6
0
b5
0
b4
0
b3
0
b2
0
b1
TPSC[2:0]
0
b0
0
H'FF0648
CCLR[1:0]
CKEG[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as 1. The write value should be 1.
6, 5
CCLR[1:0]
Counter clear
source select
00: Disables clearing TRGCNT.
01: Clears TRGCNT with a GRA compare match/input
capture.
1X: Clears TRGCNT with a GRB compare match/input
capture.
R/W
4, 3
CKEG[1:0]
External clock
detection edge
select
00: Incremented at the rising edges.
01: Incremented at the falling edges.
1x: Incremented at the rising and falling edges.
R/W
2 to 0 TPSC[2:0]* TRGCNT count
clock select
000: TRGCNT counts the internal clock
φ
001: TRGCNT counts the internal clock
φ/2
010: TRGCNT counts the internal clock
φ/4
011: TRGCNT counts the internal clock
φ/8
100: TRGCNT counts the internal clock
φ/32
101: TRGCNT counts the TCLKA pin input
110: TRGCNT counts the internal clock
φ/40
111: TRGCNT counts the TCLKB pin input
R/W
[Legend]
X:
Don't care.
Note:
*
If the internal
φ/40 clock is selected, the high-speed on-chip oscillator must be
operating. As long as the internal
φ40 clock is selected, do not stop the high-speed on-
chip oscillator. When the counter clock is switched over, the counter should be halted.
When the internal
φ40 clock is selected, restrictions on access to registers are applied.
For details, see section 18.4, Usage Note. (1) Restrictions on Access to Registers when
Internal
φ40 Clock is Selected as Counter Clock.
• CKEG1 bit and CLEG0 bit (external clock detection edge select)
Selects an edge of the external clock to be detected. When phase counting mode is used, the
phase counting operation is performed regardless of the CKEG[1:0] setting.
• TPSC2 bit to TPSC0 bit (TRGCNT count clock select)
The settings are invalid in phase counting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com