công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 657 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 657 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 653Page - Renesas Technology Corp H8S/20103 Datasheet HTML 654Page - Renesas Technology Corp H8S/20103 Datasheet HTML 655Page - Renesas Technology Corp H8S/20103 Datasheet HTML 656Page - Renesas Technology Corp H8S/20103 Datasheet HTML 657Page - Renesas Technology Corp H8S/20103 Datasheet HTML 658Page - Renesas Technology Corp H8S/20103 Datasheet HTML 659Page - Renesas Technology Corp H8S/20103 Datasheet HTML 660Page - Renesas Technology Corp H8S/20103 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 631 of 962
REJ09B0465-0100
18.2.1
Timer RG Mode Register (TRGMDR)
Address:
Bit:
Value after reset:
b7
STR
0
b6
1
b5
0
b4
0
b3
DFB
0
b2
DFA
0
b1
MDF
0
b0
PWM
0
H'FF0646
DFCK[1:0]
Bit Symbol
Bit Name
Description
R/W
7
STR
Counter start
0: TRGCNT stops counting.
1: TRGCNT performs counting.
R/W
6
Reserved
This bit is read as 1. The write value should be 1.
5,
4
DFCK[1:0]
Digital filter
clock select
00:
φ/32 (initial value)
01:
φ/8
10:
φ
11:
φ/32Clock specified by bits CKS2 to CKS0 in TRGCR
R/W
3
DFB
TGIOB pin
digital filter
function select
0: Disables the digital filter for the TGIOB pin.
1: Enables the digital filter for the TGIOB pin.
R/W
2
DFA
TGIOB pin
digital filter
function select
0: Disables the digital filter for the TGIOA pin.
1: Enables the digital filter for the TGIOA pin.
R/W
1
MDF
Phase
counting mode
select
0: Increments the counter.*
1
1: Phase counting mode
R/W
0
PWM
PWM mode
select
0: Usual mode*
2
1: PWM mode
R/W
Note:
1. Select counting up in PWM mode.
2. Select normal mode here when the MDF bit is set for phase counting mode.
• STR bit (Counter start)
Clearing this bit to 0 stops counting by TRGCNT. Counting by TRGCNT proceeds while this
bit is set to 1.
This bit is set to 1 if the specified event occurs when operation of timer RG has been selected
in ELOPC of the event link controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com