công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 664 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 664 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 660Page - Renesas Technology Corp H8S/20103 Datasheet HTML 661Page - Renesas Technology Corp H8S/20103 Datasheet HTML 662Page - Renesas Technology Corp H8S/20103 Datasheet HTML 663Page - Renesas Technology Corp H8S/20103 Datasheet HTML 664Page - Renesas Technology Corp H8S/20103 Datasheet HTML 665Page - Renesas Technology Corp H8S/20103 Datasheet HTML 666Page - Renesas Technology Corp H8S/20103 Datasheet HTML 667Page - Renesas Technology Corp H8S/20103 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 638 of 962
REJ09B0465-0100
18.2.7
Timer RG Counter (TRGCNT)
H'FF0640
b15
0
b14
0
b13
0
b12
0
b11
0
b10
0
b9
0
b8
0
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
Address:
Bit:
Value after reset:
TRGCNT is a 16-bit readable/writable register that performs count operation with an input clock.
The input clock is selected by bits TPSC2 to TPSC0 in TRGCR.
TRGCNT is incremented or decremented in phase counting mode and is only incremented in other
modes.
TRGCNT can be cleared to H'0000 by a compare match with the relevant GRA or GRB or by an
input capture to GRA or GRB (counter clearing function).
When TRGCNT overflows (changes from H'FFFF to H'0000), the OVF flag in TRGSR is set to 1.
When TRGCNT underflows (changes from H'0000 to H'FFFF), the UDF flag in TRGSR is set to
1.
TRGCNT must always be read from or written to in units of 16 bits; 8-bit accesses are not
allowed. TRGCNT is initialized to H'0000 by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com