| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 307 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 307 Page - Renesas Technology Corp |
|
307 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 275 of 1468 REJ09B0412-0200 9.9.7 Wait Control In the data cycle of the address/data multiplexed I/O interface, program wait insertion and pin wait insertion by the WAIT pin are enabled in the same way as in the basic bus interface. For details, refer to section 9.6.4, Wait Control. Wait control settings do not affect the address cycles. 9.9.8 Read Strobe ( RD) Timing In the address/data multiplexed I/O interface, the read strobe timing of data cycles can be modified in the same way as in basic bus interface. For details, refer to section 9.6.5, Read Strobe ( RD) Timing. Figure 9.34 shows an example when the read strobe timing is modified. |