| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 309 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 309 Page - Renesas Technology Corp |
|
309 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 277 of 1468 REJ09B0412-0200 9.9.9 Extension of Chip Select ( CS) Assertion Period In the address/data multiplexed interface, the extension cycles can be inserted before and after the bus cycle. For details, see section 9.6.6, Extension of Chip Select ( CS) Assertion Period. Figure 9.35 shows an example of the chip select ( CS) assertion period extension timing. T ma1 T ma2 T 2 T t T 1 T h B φ Address bus D15 to D0 D15 to D0 Address cycle Bus cycle Data cycle CSn LHWR LLWR AH RD DACK or EDACK BS RD/ WR Note: n = 3 to 7 Address Read data Address Write data Read Write Figure 9.35 Chip Select ( CS) Assertion Period Extension Timing in Data Cycle |