| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663M bảng dữ liệu(PDF) 304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M bảng dữ liệu(HTML) 304 Page - Renesas Technology Corp |
|
304 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 272 of 1468 REJ09B0412-0200 9.9.5 Basic Timing The bus cycle in the address/data multiplexed I/O interface consists of an address cycle and a data cycle. The data cycle is based on the basic bus interface timing specified by the ABWCR, ASTCR, WTCRA, WTCRB, RDNCR, and CSACR. Figures 9.31 and 9.32 show the basic access timings. T ma1 T ma2 T 2 T 1 B φ Address bus D7 to D0 D7 to D0 Address cycle Data cycle CSn LLWR AH RD DACK or EDACK BS RD/ WR Note: n = 3 to 7 Address Read data Address Write data Read Write Figure 9.31 8-Bit Access Space Access Timing (ABWHn = 1, ABWLn = 1) |